45 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ DT100/150-c series features u cec, eisa 1 & erp stage 2 compliant u wide range ac input u power factor correction u low pro? le & lightweight u 87% avg. active ef? ciency 100w to 150w ac-dc external power supplies model DT100pwxxx-c dt150pwxxx-c input voltage range - 90 - 264vac (47 - 63hz) inrush current a <60a at 230vac input, 25c ambient cold start input current (maximum) a 2.5a power factor - typically 0.9 at full load (meets en61000-3-2) leakage current a <600ua at 264vac 60hz hold up time (typ) ms 16ms at 115vac input temperature coef? cient - 0.05%/c voltage accuracy % 1% adjustment range - none minimum load a none total regulation - +5% / -2% ripple & noise % see model selector short circuit protection - continuous - hiccup mode overvoltage protection v 110 - 130% of nominal (cycle input power to reset) ef? ciency % 87% avg. active ef? ciency operating temperature c 0 to +40c storage temperature c -10 to +70c humidity (non condensing) - 20 - 90% rh cooling - convection withstand voltage - input to ground 1.5kvac, input to output 3kvac for 1 min. (output is connected to ground internal ly) isolation resistance - >20m at 25c & 70%rh, output to ground 500vdc vibration (non operating) - 23.52m/s 2 (10 - 55hz: constant sweep 1 min x, y, z for 1 hour) shock - < 196.1 m/s 2 (20g) safety agency approvals - ul60950-1, en609501-1, iec60950-1 california energy commission (cec) - ef? ciency mark v eisa - ef? ciency mark v of? oad power consumption - < 0.5w conducted & radiated emi - en55022-b, fcc class b immunity - en55024 weight (typ) g 730g 780g size (wxlxh) in 3.35 x 6.7 x 1.73 cable length & thickness mm 1050mm; 12 to 24v models: #14 awg, 36 to 48v models: #16 awg ac input connector - iec 320-c14 (accepts iec 320-c13) output connector - kycon kppx-4p or equivalent pins 1 & 2: -vout, pins 3 & 4: +vout mtbf - 140,000 hours, 100% load, 25c ambient, mil-hnbk warranty yr one year speci? cations (1) eisa - energy independence and security act of 2007 key market segments & applications
46 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ revision b3: jan 2012 DT100/150-c series for additional information, please visit us.tdk-lambda.com/lp/products/dt-series.htm dt62-c 62w cec compliant adapters dtm65-c 65w cec compliant medical adapters dt80-c 80w cec compliant adapters dtm110-c 110w cec compliant medical adapters other ac-dc products outline drawing note: 1. ac inlet: iec320-c14 standard 2. case color: black 3. tol erance: 0.5mm 4. unit: mm maximum maximum ripple & cec eisa model output (v) output (a) power (w) noise (mv) v ef? ciency level v DT100pw120c 12 8.34 100 240 y y DT100pw160c 16 6.25 100 320 y y DT100pw190c 19 5.27 100 380 y y DT100pw240c 24 4.17 100 480 y y DT100pw360c 36 2.78 100 480 y y DT100pw480c 48 2.09 100 480 y y dt150pw120c 12 11.67 140 240 y y dt150pw160c 16 9.38 150 320 y y dt150pw190c 19 7.90 150 380 y y dt150pw240c 24 6.25 150 480 y y dt150pw360c 36 4.17 150 480 y y dt150pw480c 48 3.13 150 480 y y output ratings
|